Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 264 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 264 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 263Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 264Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 265Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 266Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 267Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 268Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 662 page
background image
SCI Register Descriptions (SCI0_BASE = $1FFFE0 and SCI1_BASE = $1FFDF8)
5685X Digital Signal Controller User Manual, Rev. 4
10-28
Freescale Semiconductor
10.9.3.4 Receiver DMA Enable (RDE)—Bit 0
RDE enables DMA mode transfer of data to the SCIDR. For receive DMA operation, this bit
must be set and a DMA channel must be configured to utilized the request.
•
0 = Receive DMA disabled
•
1 = Receive DMA enabled
10.9.4 SCI Status Register (SCISR)
This register can be read at anytime; however, it cannot be modified by writing. Writes clear
flags.
Figure 10-20. SCI Status Register (SCISR)
See Programmer’s Sheets on Appendix page B-58
10.9.4.1
Transmit Data Register Empty Flag (TDRE)—Bit 15
This bit is set when the Transmit Shift register receives a character from the SCI Data Register
(SCIDR). Clear TDRE by reading SCISR with TDRE set and then writing to the SCI Data
register in Normal mode or by writing the SCIDR with TDE set.
•
0 = No character transferred to Transmit Shift register
•
1 = Character transferred to Transmit Shift register; Transmit Data register empty
10.9.4.2 Transmitter Idle Flag (TIDLE)—Bit 14
This bit is set when the TDRE flag is set and no data, preamble, or break character is being
transmitted. When TIDLE is set, the TXD pin becomes idle (Logic 1). Clear TIDLE by reading
the SCI Status Register (SCISR) with TIDLE set and then writing to the SCI Data Register
(SCIDR). TIDLE is not generated when a data character, a preamble, or a break is queued and
ready to be sent.
•
0 = Transmission in progress
•
1 = No transmission in progress
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TDRE TIDLE RDRF RIDLE
OR
NF
FE
PF
0
0
0
0
0
0
0
RAF
Write
Reset
0
00
0
000
00
000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com