Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 255 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 255 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 251Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 252Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 253Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 254Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 662 page
background image
Functional Description
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-19
The maximum percent difference between the receiver count and the transmitter count of a fast
9-bit character with no errors is:
10.6.4.8 Receiver Wake Up
In order for the SCI to ignore transmissions intended only for other receivers in multiple- receiver
systems, the receiver can be placed into a standby state. Setting the Receiver Wake Up (RWU)
bit in the SCI Control Register (SCICR) places the receiver into a standby state while receiver
interrupts are disabled.
The transmitting device can address messages to selected receivers by including addressing
information in the initial frame or frames of each message.
The WAKE bit in the SCI Control Register (SCICR) determines how the SCI is brought out of
the standby state to process an incoming message. The WAKE bit enables either idle line wake
up or address mark wake up:
•
Idle Input Line Wake Up (WAKE = 0)—In this wake up method, an idle condition on the
RXD pin clears the RWU bit and wakes up the SCI. The initial frame or frames of every
message contain addressing information. All receivers evaluate the addressing information,
and receivers for which the message is addressed process the following frames. Any
receiver for which a message is not addressed can set its RWU bit and return to the standby
state. The RWU bit remains set and the receiver remains on standby until another preamble
appears on the RXD pin.
Idle line wake up requires messages be separated by at least one preamble and no message
contains preambles.
The preamble waking a receiver does not set the receiver Idle (IDLE) bit or the Receive Data
Register Full (RDRF) flag.
•
Address Mark Wake up (WAKE = 1)—In this wake up method, a Logic 1 in the Most
Significant Bit (MSB) position of a frame clears the RWU bit and wakes up the SCI. The
Logic 1 in the MSB position marks a frame as an address frame, containing the addressing
information. All receivers evaluate the addressing information as well as the receivers for
which the message is addressed in the following frames. Any receiver for which a message
is not addressed can set its RWU bit and return to the standby state. The RWU bit remains
set and the receiver remains on standby until another address frame appears on the RXD pin.
The Logic 1 MSB of an address frame clears the receiver’s RWU bit before the Stop bit is
received, setting the RDRF flag.
170
176
–
170
------------------------
100
×
3.53%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com