Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 253 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 253 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 249Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 250Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 251Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 252Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 253Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 254Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 257Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 662 page
background image
Functional Description
Serial Communications Interface (SCI), Rev. 4
Freescale Semiconductor
10-17
10.6.4.5 Baud Rate Tolerance
A transmitting device may be operating at a baud rate below or above the receiver baud rate.
Accumulated bit time misalignment can cause one of the three Stop bit data samples to fall
outside the actual Stop bit. Then a noise error occurs. If more than one of the samples is outside
the Stop bit, a framing error occurs. In most applications, the baud rate tolerance is much more
than the degree of misalignment that is likely to occur.
As the receiver samples an incoming frame, it resynchronizes the RT clock on any valid falling
edge within the frame. Re-synchronization within frames corrects misalignments between
transmitter bit times and receiver bit times.
10.6.4.6 Slow Data Tolerance
Figure 10-13 explains how much a slow received frame can be misaligned without causing a
noise error or a framing error. The slow Stop bit begins at RT8 instead of RT1, it arrives in time
for the Stop bit data samples at RT8, RT9, and RT10.
Figure 10-13. Slow Data
For an 8-bit data character, data sampling of the Stop bit takes the receiver 9-bit
× 16 RT cycles + 10 RT cycles = 154 RT cycles.
With the misaligned character shown in Figure 10-13, the receiver counts 154 RT cycles at the
point when the count of the transmitting device is 9-bit
× 16 RT cycles + 3 RT
cycles = 147 RT cycles.
The maximum percent difference between the receiver count and the transmitter count of a slow
8-bit data character with no errors is:
For a 9-bit data character, data sampling of the Stop bit takes the receiver 10-bit
× 16 RT cycles + 10 RT cycles = 170 RT cycles.
MSB
STOP
DATA
SAMPLES
RECEIVER
RT CLOCK
154
147
–
154
------------------------
100
×
4.54%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com