Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 258 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 258 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 254Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 255Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 256Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 257Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 258Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 259Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 260Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 261Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 262Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 662 page
background image
Low Power Modes
5685X Digital Signal Controller User Manual, Rev. 4
10-22
Freescale Semiconductor
10.8 Low Power Modes
10.8.1 Run Mode
Clearing the Transmitter Enable (TE) or Receiver Enable (RE) bits in the SCI Control Register
(SCICR) reduces power consumption in the Run mode. SCI registers are still accessible when TE
or RE is cleared, but clocks to the core of the SCI are disabled.
10.8.2 Wait Mode
SCI operation in the Wait mode depends on the state of the SWAI bit in the SCI Control Register
(SCICR).
•
If the SWAI bit is clear, the SCI operates normally when the Central Processing Unit (CPU)
is in the Wait mode.
•
If the SWAI bit is set, SCI clock generation ceases and the SCI module enters a
power-conservation state when the CPU is in the Wait mode. In this condition, SCI registers
are not accessible. Setting SWAI does not affect the state of the Receiver Enable (RE) bit or
the Transmitter Enable (TE) bit.
If the SWAI bit is set, any transmission or reception in progress stops at the Wait mode
entry. The transmission or reception resumes when either an internal or external interrupt
brings the digital signal controller out of the Wait mode. Exiting the Wait mode by reset
aborts any transmission or reception in progress and resets the SCI.
10.8.3 Stop Mode
The SCI is inactive in the Stop mode for reduced power consumption. The STOP instruction does
not affect SCI register states. SCI operation resumes after an external interrupt brings the CPU
out of the Stop mode. Exiting the Stop mode by reset aborts any transmission or reception in
progress and resets the SCI.
10.8.4 Wait Mode Recovery
Any enabled SCI interrupt request can bring the CPU out of the Wait mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com