Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 321 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 321 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 317Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 318Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 319Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 320Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 321Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 322Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 323Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 324Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 662 page
background image
Functional Description
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-21
12.5.4.2 Operation Using RSM Register
When the RSM register is included in the design, interrupt overhead can be reduced. If all bits of
the RSM register are set, the ESSI receiver will continue to operate as previously described. The
RSM register is used to automatically discard data from selected time slots. This is accomplished
by writing the RSM with 0 in the selected time-slot bit location. This means no data is transferred
from the Receive Data Shift Register (RXSR) on the zero time-slots, no status flags change, and
no interrupts are generated.
Receiver timing in the Network mode, and using RSM registers for an 8-bit word with a
continuous clock, results in the disabled FIFO five words per frame sync. In this example there
are only two receive interrupts per frame instead of five as in the previous example where the
RSM register is not used. This process is illustrated in Figure 12-8 and explained in Table 12-11.
Table 12-10.
Notes for Transmit Timing with Mask Register in Figure 12-8
Note
Source
Signal
Destination
Signal
Description
1
—
—
Example of a five time slot frame, transmitting in time slots 0 and 3.
2SC2
—
Example of a word length frame sync and standard timing (TFSI=0, TFSL=0,
and TEFS=0). Frame timing begins with the rising edge of SC2.
3—
TDE Status Flag
and Interrupt
For enabled time slots, this flag is set at the beginning of each word to
indicate the STX data has been used and another data word should be
supplied by the software. If the transmit interrupt is enabled the processor is
interrupted to request the data. The flag and interrupt are cleared when data
is written to either the STX or STSR registers.1
4
STX / STSR
Register
TXSR
Register
On each word clock boundary a decision is made concerning what to
transmit on the next time slot. If the TSMn register bit is zero for the next
time slot, the STD pin is tri-stated and the time slot is ignored.
When the TSMn bit is one for the next time slot, the contents or the STX
register are transferred to the TXSR register and this data is shifted out. If
the STX register has not been written in the previous time slot, the previous
data is reused.
Note:
If the STSR is written instead of the STX, the STD pin is
tri-stated as stated in Section 12.5.2.1.
When neither of these registers were written in the previous time slot (where
TSMn=1), the TUE status bit will be set and the hardware will operate as if
the STX register had been written. The STD pin will be enabled and the
contents of the STX will be transmitted again. This may lead to drive conflicts
on the transmit data line, in another device is transmitting data during this
time slot.
5
TXSR
Register
STD Pin
On active time slots, the TXSR register contents are shifted out on the STC
pin, one bit per rising edge of SCK.
On inactive time slots, the STD pin is tri-stated so it can be driven by another
device.
1.
Section 12.13 provides a complete description of the interrupt process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com