Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 322 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 322 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 318Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 319Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 320Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 321Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 322Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 323Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 324Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 325Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
12-22
Freescale Semiconductor
Figure 12-8. Network Mode Receive Timing with Mask Register
Table 12-11. Notes for Receive Timing with Mask Register in Figure 12-33
Note
Source
Signal
Destination
Signal
Description
6—
—
Example of a five time slot frame, receive data from time slots 0 and 2.
The receive hardware will only obtain data on the SRD pin when the
RSMn bit is set to one.
7SC1
—
Example with bit length frame sync and standard timing (RFSI=0,
RFSL=1, and REFS=0). Frame timing begins with the rising edge of
SC1.
8SRD
RXSR
Register
Data on the SRD pin is sampled on the falling edge of SC0 and shifted
into the RXSR register.
9
RXSR
Register
SRX
Register
At the word clock, the data in the RXSR register is transferred to the
SRX register, for enabled time slots.
10
RDR Status Flag
and Receive
Interrupt
—
This flag is set for each word clock, or time slot, where the RSMn bit is
set, indicating data is available to be processed. The software must
keep track of the time slots as they occur so it knows which data it is
processing.
When the receive interrupts are enabled (RIE=1) an interrupt will be
generated when this status flag is set. The software reads the SRX
register to clear the interrupt.1
1.
Section 12.13 provides a complete description of the interrupt process.
TS 0
TS 1
TS 2
TS 3
TS 4
TS 0
RSM[0]
RSM[1]
RSM[2]
RSM[3]
RSM[4]
RSM[0]
01
2
3
4
0
Time Slot
SC0
Internal Word Clock
SC1
RSMn Bits Usage
RTSCNT Field of SFSR Register
SRD
RXSR Register
SRX Register
RDR Status Bit / Interrupt
Valid
Indefinite transition depends on SW interrupt processing
Invalid
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com