Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 326 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 326 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 322Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 323Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 324Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 325Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 326Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 327Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 328Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 329Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 330Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-26
Freescale Semiconductor
12.8 Register Descriptions (ESSI0_BASE = $1FFE20,
ESSI1_BASE = $1FFE00)
All registers are addressed by word. Byte accesses to the registers are not supported. Eight
registers are not accessible. Registers associated with the Enhanced SSI (ESSI) are delineated in
the Memory Chapter, Table 3-16 and Table 3-17.
12.8.1 ESSI Transmit Registers (STX0, STX1, STX2)
The ESSI Transmit Data (STX02) are write-only 16-bit registers. Data to be transmitted is written
to these registers. If the Transmit FIFO Registers are utilized, data is transferred from the STX02
registers to the Transmit FIFO Register as the FIFOs have available space. Otherwise, data written
to these registers is transferred to the Transmit Shift Register (STX02) whenever the transmit
FIFO feature is enabled. When the feature is enabled, the Transmit Shift Registers (TXSR02)
receive their values from these FIFO registers. Transmitted data is first-in-first-out. If the transmit
FIFO feature is not enabled, this register is bypassed and the contents of the Transmit Data
Registers (STX02) is transferred into the Transmit Shift Registers (TXSR02). When the Transmit
Interrupt Enable (TIE) bit in SCR2 register is set the DSC is interrupted when the level of data in
an enabled transmit FIFO falls below the selected threshold and the Transmit Data Register Empty
(TDE) bit in the ESSI Status Register (SSR) is set.
When both Transmit FIFO and Transmit Data Registers are full, any further write will overwrite
the content of the Transmit Data Registers (STX02).
Add.
Offset
Register Name
15
14
13
12
11
10
98765
4321
0
$8
STXCR
R
PSR
WL
DC
PM
W
$9
SRXCR
R
PSR
WL
DC
PM
W
$A
STSR
R
W
DUMMY REGISTER WRITTEN DURING INACTIVE TIME SLOTS (NETWORK MODE)
$B
SFCSR
R
RFCNT
TFCNT
RFWM
TFWM
W
$C
TSMA
R
TSMA [15:0]
W
$D
TSMB
R
TSMB [31:16]
W
$E
RSMA
R
RSMA [15:0]
W
$F
RSMA
R
RSMB [31:16]
W
R
0
Read as 0
W
Reserved
Figure 12-11. ESSI Register Map Summary (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com