Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 329 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 329 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 325Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 326Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 327Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 328Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 329Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 330Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 331Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 332Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 333Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-29
Figure 12-16. Transmit Data Path (TSHFD = 1)
12.8.4 ESSI Receive Register (SRX)
The SRX is a 16-bit, read-only register. It always accepts data from the Receive Shift Register
(RXSR) as it becomes full. The data read occupies the most significant portion of the SRX
register. The unused bits (least significant portion) are read as 0s.
If the Receive Data Full Interrupt is enabled, the interrupt is asserted whenever the SRX register
becomes full. When the Receive FIFO is also enabled, the Receive FIFO must be above its
watermark before the interrupt is asserted.
Figure 12-17. ESSI Receive Data Register (SRX)
See Programmer’s Sheet on Appendix page B - 69
12.8.5 ESSI Receive FIFO Register (RXFIFO)
The RXFIFO is a 8
× 16-bit FIFO register used to buffer samples received in the ESSI Receive
Data Shift Register (RXSR). The receive FIFO is enabled by setting the RFEN bit of the SCR3
Control Register.
Received data is then held in the FIFO if the data in the SRX has not yet been read.
Base + $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
HIGH BYTE
LOW BYTE
Write
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
STX
15
0
ESSI
87
15
0
TXSR
8
7
6
5
4
8 bits
10 bits
12 bits
16 bits
16 bits
8 bits
12 bits
10 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com