Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 333 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 333 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 329Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 330Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 331Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 332Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 333Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 334Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 335Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 336Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 337Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-33
12.8.7.7 Transmit FIFO 1 Error (TF1ERR)—Bit 9
When the transmitter status control TXSF1 is set and FIFOs are in use, this status bit will indicate
the state of FIFO 1 is not the same as FIFO 0. If Transmitter 0 (TXSF0 = 0) is not in use this flag
can never be set.
•
0 = State of TXFIFO0 and TXFIFO1 are the same (contain the same amount of data)
•
1 = State of TXFIFO0 is different than the state of TXFIFO1
12.8.7.8 Transmit FIFO 2 Error (TF2ERR)—Bit 8
When the transmitter status control TXSF2 is set and FIFOs are in use, this status bit indicates the
state of FIFO2 is not the same as FIFO0. If Transmitter 0 (TXSF0 = 0) is not in use, this status bit
will indicate the state of FIFO2 is not the same as FIFO1. If Transmitter 1 is also not operating
(TXSF0 = TXSF1 = 0), this flag can never be set.
•
0 = Status of TXFIFO2 matches the other enabled TXFIFOs
•
1 = Status (data content level) of TXFIFO2 is different than the other enabled TXFIFOs
12.8.7.9 Receive Data Ready Flag (RDR)—Bit 7
This flag bit is set when Receive Data Register (SRX) or receive FIFO (RXFIFO) is loaded with
a new value. RDR is cleared when the CPU reads the SRX register. If RXFIFO is enabled, RDR
is cleared when receive FIFO is empty.
If the RIE bit is set, a receive data interrupt request is issued when the RDR bit is set. The
interrupt request vector depends on the state of the Receiver Overrun Error (ROE) bit on the SSR.
The RDR bit is cleared by Power-On Reset (POR) and ESSI reset (ESSIEN = 0).
12.8.7.10 Transmit Data Register Empty (TDE)—Bit 6
This flag bit is set when there is no data waiting to be transferred to the TXSR register. A transmit
FIFO (TXFIFO) is enabled when there is at least one empty slot in STX or TXFIFO. When the
TXFIFO is not enabled, the STX is empty. For example, when the contents of the STX register
are transferred into the Transmit Shift Register (TXSR). When set, the TDE bit indicates data
should be written to the STX register or to the STSR before the Transmit Shift Register becomes
empty, or an underrun error will occur.
The TDE bit is cleared when data is written to the STX register or to the STSR to disable trans-
mission of the next time slot. If the TIE bit is set, an ESSI transmit data interrupt request is issued
when the TDE bit is set. The vector of the interrupt depends on the state of the TUE bit in the
SSR. The TDE bit is set by Power-On Reset (POR) and ESSI reset (ESSIEN = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com