Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 334 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 334 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 330Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 331Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 332Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 333Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 334Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 335Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 336Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 337Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 338Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-34
Freescale Semiconductor
12.8.7.11 Receive Overrun Error (ROE)—Bit 5
This flag bit is set when the Receive Shift Register (RXSR) is enabled, filled, ready to transfer to
the SRX, or the RXFIFO registers, and when these registers are already full. If the Receive FIFO
is enabled, it is indicated by the Receive FIFO Full (RFF) bit otherwise this is indicated by the
Receive Data Ready (RDR) bit being set. The RXSR is not transferred in this case.
Note:
When using the RXFIFO with a watermark other than eight, the ROE bit does not
mean data has been lost. The RXCNT field of the SFCSR should be checked to
determine the likelihood of actual data loss.
A Receive Overrun Error (ROE) does not cause interrupts. However, when the ROE bit is set, it
causes a change in the interrupt vector used, allowing the use of a different interrupt handler for a
receive overrun condition. If a receive interrupt occurs with the ROE bit set, the receive data with
exception status interrupt is generated. If a receive interrupt occurs with the ROE bit cleared, the
Receive Data Interrupt is generated. The ROE bit is cleared by Power-On Reset (POR) or ESSI
reset (ESSIEN = 0) and by reading the SSR with the ROE bit set followed by reading the SRX
register. Clearing the RE bit does not affect the ROE bit.
12.8.7.12 Transmitter Underrun Error (TUE)—Bit 4
This flag bit is set when the TXSR is empty, or when there is no data to be transmitted, indicated
by the TDE bit being set and a transmit time slot occurs. When a Transmit Underrun Error
occurs, the previously sent data is retransmitted.
A transmit time-slot in the Normal mode occurs when the frame sync is asserted. Each time-slot
requires data transmission in the Network mode, it may cause a TUE error.
The TUE bit does not cause interrupts. However, the TUE bit will cause a change in the interrupt
vector used for transmit interrupts. Consequently, a different interrupt handler can be used for a
transmit underrun condition. If a transmit interrupt occurs with the TUE bit set, the transmit data
with exception status interrupt is generated. If a transmit interrupt occurs with the TUE bit
cleared, the transmit data interrupt is generated.
The TUE bit is cleared by Power-On Reset (POR) or ESSI reset (ESSIEN = 0). The TUE bit is
also cleared by reading the SSR with the TUE bit set, followed by writing to the STX register or
to the STSR.
The state of this bit reflects the status of the transmitter(s) selected by the TXSF0-2 control bits in
the SCR4 register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com