Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 338 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 338 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 334Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 335Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 336Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 337Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 338Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 339Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 340Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 341Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 342Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
5685X Digital Signal Controller User Manual, Rev. 4
12-38
Freescale Semiconductor
12.8.8.1 Receive Interrupt Enable (RIE)—Bit 15
This control bit allows interrupting the program controller. When the RIE and RE bits are set, the
program controller is interrupted when the ESSI receives data. As provided in Table 12-13, the
interrupt trigger depends on whether the receive FIFO is enabled.
If the receive FIFO is disabled:
•
0 = No interrupt is generated.
•
1 = An interrupt is generated when the RDR flag in the SSR is set. One value can be read
from the SRX register. Reading the SRX register clears the RDR bit, thus clearing the
interrupt.
If the receive FIFO is enabled:
•
0 = No interrupt is generated.
•
1 = An interrupt is generated when the RFF flag in the SSR is set. A maximum of eight
values are available to be read from the SRX register. To clear the RFF bit interrupt, read
the SRX register, removing data from the Receive FIFO, thereby dropping the data level
below the watermark.
Two receive data interrupts with separate interrupt vectors are available:
1. Receive data with exception status.
2. Receive data without exception.
Generated interrupt vectors and their conditions are listed in Table 12-13.
12.8.8.2 Transmit Interrupt Enable (TIE)—Bit 14
This control bit provides program controller interruption. When the TIE and TE0-2 bits are set
the program controller is interrupted when the ESSI needs more transmit data lists. The interrupt
trigger depends whether the transmit FIFOs are enabled, shown in Table 12-14.
Table 12-13. ESSI Receive Data Interrupts 1
1.
Table 12-27 provides a complete list of interrupts.
Interrupt
RIE
Selection Control
ROE
RFEN = 0
RFEN = 1
Receive Data with Exception Status
1
RDR = 1
RFF = 1
1
Transmit Date without Exception Status
1
RDR = 1
RFF = 1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com