Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 335 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 335 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 331Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 332Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 333Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 334Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 335Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 336Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 337Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 338Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 339Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-35
12.8.7.13 Transmit Frame Sync (TFS)—Bit 3
The middle section of Figure 12-21exhibits data written to the STX Register in the Network
mode during the time slot when the TFS bit is set. This is transmitted during either of the
following:
•
Second time slot (in the Network mode)
•
In the following first time slot (in the Normal mode)
While in Network mode, the TFS bit is set during transmission of the first slot of the frame. The
bit is then cleared when starting transmission of the next slot. The TFS bit is cleared by
Power-On Reset (POR) or ESSI reset (ESSIEN = 0).
12.8.7.14 Receive Frame Sync (RFS)—Bit 2
When set, this flag bit indicates a frame sync occurred during receiving of the next word into the
SRX Register. The process is illustrated in the lower portion of Figure 12-21. In the Network
mode, the RFS bit is set while the first slot of the frame is being received. It is cleared when the
next slot of the frame begins to be received. The RFS bit is cleared by Power-On Reset (POR) or
ESSI reset (ESSIEN = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com