Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 327 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 327 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 323Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 324Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 325Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 326Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 327Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 328Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 329Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 330Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 331Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 662 page
background image
Register Descriptions (ESSI0_BASE = $1FFE20, ESSI1_BASE = $1FFE00)
Enhanced Synchronous Serial Interface (ESSI), Rev. 4
Freescale Semiconductor
12-27
Note:
Enable ESSI (ESSIEN = 1), before writing to Transmit Data Register and Transmit
FIFO.
Figure 12-12. ESSI Transmit Data Register 0 (STX0)
See Programmer’s Sheet on Appendix page B - 68
Figure 12-13. ESSI Transmit Data Register 1 (STX1)
See Programmer’s Sheet on Appendix page B - 68
Figure 12-14. ESSI Transmit Data Register 2 (STX2)
See Programmer’s Sheet on Appendix page B - 68
12.8.2 ESSI Transmit FIFO Registers (TXFIFO0, TXFIFO1, TXFIFO2)
The 8
× 16-bit TXFIFO registers are used to buffer samples written to the Transmit Data
Registers (STX0-2). They are written by the contents of the Transmit Data Registers (STX0-2)
whenever the transmit FIFO feature is enabled. If enabled, the Transmit Shift Registers
(TXSR0-2) receive their values from the FIFO registers. If the transmit FIFO feature is not
enabled, this register is bypassed and the contents of STX0-2 registers are transferred into the
Transmit Shift Registers (TXSR0-2).
When the Transmit Interrupt Enable (TIE) bit in the SCR2 and Transmit Data Register Empty
(TDE) bit in the SSR are set, the transmit interrupt is asserted whenever STX0-2 are empty and
the data level in the ESSI transmit FIFO falls below the selected threshold.
Base + $0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Write
DATA
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Base + $1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Write
DATA
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Base + $2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
Write
DATA
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com