Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 496 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 492Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 493Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 494Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 495Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 496Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 497Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 498Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 499Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 500Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 662 page
background image
5685x Digital Signal Controller User Manual, Rev. 4
A-10
Freescale Semiconductor
MAC
Multiply and Accumulate
MAS
Mass Cycle Erase
MB
Mode B
MCU
Microcontroller Unit -
MHz
Megahertz
MIPS
Million Instructions Per Second
MISO
Master In/Slave Out
MODF
Mode Fault Error
MODFEN
Mode Fault Enable
MOSI
Master Out/Slave In
MPIO
Multi-Purpose Input/Output (A, B, C, D, E or F)
MSB
Most Significant Bit
MSCAN
Motorola Scalable Controller Area Network
MSH_ID
Most Significant Half of JTAG ID
MSTR
Master Mode
MUX
Multiplexer
NF
Noise Flag
NL
Nested Looping
NOR
An inversion of the logical OR function
NVSTR
Non-volatile Store Cycle Definition
OBAR
OnCE Breakpoint Address Register
OBCTL
OnCE Breakpoint Control Register
OBMSK
OnCE Breakpont Mask Register
OCMDR
OnCE Command Register
OCCS
On-Chip Clock Synthesis
OCNTR
OnCE Count Register
OCR
OnCE Control Register
ODEC
OnCE Decoder
OEN
Output Enable
OMAC
OnCE Memory Address Comparator
OMAL
OnCE Memory Address Latch
OMR
Operating Mode Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com