Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 498 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 498 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 494Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 495Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 496Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 497Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 498Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 499Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 500Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 501Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 502Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 662 page
background image
5685x Digital Signal Controller User Manual, Rev. 4
A-12
Freescale Semiconductor
PMCFG
PWM Configuration Register
PMCNT
PWM Counter Register
PMCTL
PWM Control Register
PMDEADTM
PWM Deadtime Register
PMDISMAP
PWM Disable Mapping Registers
PMFCTL
PWM Fault Control Register
PMFSA
PWM Fault Status Acknowledge
PMOUT
PWM Output Control Register
PMPORT
PWM Port Register
POL
Polarity
POR
Power on Reset
PRAM
Program RAM
PROG
Program Cycle
PSR
Processor Status Register
PT
Parity Type
PTM
Peripheral Test Mode
PUR
Pull-up Enable Register
PWD
Power Down Mode
PWM
Pulse Width Modulator
PWMEN
PWM Enable
PWMF
PWM Reload Flag
PWMRIE
PWM Reload Interrupt Enable
PWMVAL
PWM Value Registers
QE
Quadrature Encoder
QDN
Quadrature Decoder Negative Signal
RAF
Receiver Active Flag
RAM
Random Access Memory
RDRF
Receive Data Register Full
RE
Receiver Enable
REIE
Receive Error Interrupt Enable
REV
Revolution Counter Register
REVH
Revolution Hold Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com