Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 545 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 545 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 541Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 542Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 543Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 544Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 545Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 546Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 547Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 548Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 549Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-43
23 of 24
ITCN
Interrupt Control Register (ICTL)
Bits
Name
Description
15
INT
Interrupt
0
No interrupt is being presented to the core
1
An interrupt is being presented to the core
14 - 13
IPLC
Interrupt Priority Level Core
This bit field reflects the state of the new interrupt priority level bits being presented to the core at
the time the last IRQ was taken.
00
Required nested exception priority levels are 0, 1, 2, or 3
01
Required nested exception priority levels are 1, 2, or 3
10
Required nested exception priority levels are 2 or 3
11
Required nested exception priority level is 3
12 - 6
VAB
Vector Number
This field shows bits [7:1] of the Vector Number of the last IRQ. The field is only updated when the
core jumps to a new interrupt service routine.
5
INT_DIS
Interrupt Disable
Disables all interrupts
0
Normal operation (default)
1
All interrupts disabled
IRQ Control
Register (ICTL)
$1FFF20 + $1A
Bits
15 14 13 12 11 10 9 8 7 6
5
4
3
2
1
0
Read INT
IPLC
VAB
INT_DIS
0
IRQB_STATE IRQA_STATE
IRQB_EDG IRQA_ EDG
Write
Reset
0
0
0
0 00 000 0
0
0
1
1
0
0
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com