Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 546 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 546 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 542Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 543Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 544Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 545Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 546Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 547Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 548Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 549Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 550Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 546 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-44
Freescale Semiconductor
Bits
Name
Description
3
IRQB_STATE
State of IRQB
This bit reflects the state of the external IRQB
2
IRQA_STATE
State of IRQA
This bit reflects the state of the external IRQA
1
IRQB_EDG
IRQB Edge
This bit controls whether the externalIRQB interrupt is edge or level sensitive. Automatically level
sensitive during Stop and Wait modes.
0
IRQB interrupt is level sensitive (default)
1
IRQB interrupt is falling edge sensitive
0
IRQA_EDG
IRQA Edge
This bit controls whether the external IRQA interrupt is edge or level sensitive. Automatically level
sensitive during Stop and Wait modes.
0IRQA interrupt is low level sensitive (default)
1IRQA interrupt is falling edge sensitive
24 of 24
ITCN
Interrupt Control Register (ICTL) continued
IRQ Control
Register (ICTL)
$1FFF20 + $1A
Bits
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Read INT
IPLC
VAB
INT_DIS
0 IRQB_STATE IRQA_STATE
IRQB_EDG IRQA_ EDG
Write
Reset
0
0
00
00
00
00
0
0
1
1
0
0
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com