Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 554 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 554 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 550Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 551Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 552Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 553Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 554Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 555Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 556Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 557Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 558Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-52
Freescale Semiconductor
8 of 8
DMA
DMA Transfer Control Register (DMATC) continued
Bits
Name
Description
8 - 4
PERIPH SEL
PERIPHERAL SELECT
This bit field selects on of 31 possible DMA peripherals. When the field is equal to 0, operation
begins upon enabling DMA operation. When a peripheral-to-peripheral DMA transfer is desired,
this field should be set to the slower of the two peripherals thereby preventing data overruns.
3 - 2
SS/M
Source Sign/Magnitude
This bit field determines how the DMA Source Address Register gets changed after each DMA
read operation.
0x
Do not change the address register
10
Increment the address register by data size amount after each read
11
Decrement the address register by data size amount after each read
1 - 0
DS/M
Destination Sign/Magnitude
This bit field determines how the DMA Destination Address Register gets changed after each
DMA write operation.
0x
Do not change the address register
10
Increment the address register by data size amount after each read
11
Decrement the address register by data size amount after each read
denotes Reserved Bits
DMA Transfer
Control Register
(DMATC)
Base + $0
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DMA_ON INTR_ON
INTR_PEND DATA_SIZE
0
0
0
PERIPH SEL
SS/M
DS/M
Write
0
0
0
Reset
0
0
0
0
0
0
0
00000
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com