Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 556 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 556 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 552Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 553Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 554Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 555Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 556Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 557Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 558Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 559Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 560Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-54
Freescale Semiconductor
2 of 9
SCI
SCI Control Register (SCICR)
SCI Control
Register (SCICR)
Base + $1
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
LOOP SWAI RSRC
M
WAKE POL
PE
PT
TEIE
TIIE
RFIE REIE
TE
RE
RWU SBK
Write
Reset
00
00
00
00
00
00
00
00
Bits
Name
Description
15
LOOP
Loop Select
This bit enables loop operation. Loop operation disconnects the RXD pin from the SCI and the
transmitter output goes into the receiver input. Both transmitter and receiver must be enabled to
use the internal loop function as opposed to single wire operation, requiring only one or the other
to be enabled.
0
Normal operation enabled
1
Loop operation enabled
14
SWAI
Stop in Wait Mode
This bit disables the SCI in the Wait mode.
0
SCI enabled in Wait mode
1
SCI disabled in Wait mode
13
RSRC
Receiver Source
When LOOP = 1, the RSRC bit determines the internal feedback path for the receiver.
0
Receiver input internally connected to transmitter output
1
Receiver input connected to TXD pin
12
M
Data Format Mode
The Mode bit determines whether data characters are eight or nine bits long.
0
One start bit, eight data bits, one stop bit
1
One start bit, nine data bits, one stop bit
11
WAKE
Wake up Condition
This bit determines which condition wakes up the SCI.
0
Idle line wake up
1
Address mark wake up
10
POL
Polarity
This bit determines whether to invert the data as it goes from the transmitter to the TXD pin and
from the RXD pin to the receiver. All bits (Start, Data, and Stop) will be inverted as they leave the
transmit shift register and before they enter the receive shift register.
0
Doesn’t invert transmit and receive data bits (Normal mode)
1
Invert transmit and receive data bits (Inverted mode)
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com