Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 559 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 559 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 555Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 556Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 557Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 558Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 559Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 560Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 561Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 562Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 563Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-57
5 of 9
SCI
SCI Control Register 2 (SCISR2)
SCI Control
Register 2 (SCICR2)
Base + $2
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
0
RIIE TDE RDE
Write
RESET
00
00
00
00
00
00
00
00
Bits
Name
Description
2
RIIE
Receiver Idle Interrupt Enable
This bit is used to inform the processor a message has completed when using DMA in a wake-up
mode of operation. The receiver is normally configured until a message is detected.
1
TDE
Transmitter DMA Enable
Setting this bit allows transmit DMA requests to the DMA controller. Fro transmit DMA operation,
this bit must be set and a DMA channel must be enabled to utilize the request.
0
Transmit DMA disabled
1
Transmit DMA enabled
0
RDE
Receiver DMA Enable
Setting this bit allows received DMA requests to the DMA controller. For receive DMA operation,
this bit must be set and a DMA channel must be enabled to utilize the request.
0
Receive DMA disabled
1
Receive DMA enabled
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com