Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 561 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 561 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 557Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 558Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 559Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 560Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 561Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 562Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 563Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 564Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 565Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-59
7 of 9
SCI
SCI Status Register (SCISR) continued
SCI Status Register
(SCISR)
Base + $3
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read TDRE TIDLE RDRF RIDLE OR
NF
FE
PF
0
0
0
0
0
0
0
RAF
Write
Reset
00
00
00
00
00
00
00
00
denotes Reserved Bits
Bits
Name
Description
12
RIDLE
Receiver Idle Line
This bit is set when 10 consecutive Logic 1s (if M = 0) or 11 consecutive Logic 1s (if M = 1) appear
on the receiver input. Once the RIDLE flag is cleared (the receiver detects a Logic 0), a valid frame
must again set the RDRF flag before an idle condition can set the RIDLE flag.
0
Receiver input is either active now or has never become active since the RIDLE flag was
last cleared
1
Receiver input has become idle (after receiving a valid frame)
11
OR
Overrun
This bit is set when software fails to read the SCI Data Register (SCIDR) before the receive shift
register receives the next frame. The data in the shift register is lost, but the data already in the
SCI data register is not affected. Clear OR by reading the SCI Status Register (SCISR) with OR
set and then writing the SCI status register with any value.
0
No overrun
1Overrun
10
NF
Noise Flag
This bit is set when the SCI detects noise on the receiver input. The NF bit is set during the same
cycle as the RDRF flag but does not get set in the case of an overrun. Clear NF by reading the
SCI Status Register (SCISR) and then writing the SCI status register with any value.
0
No noise
1Noise
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com