Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 565 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 565 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 561Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 562Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 563Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 564Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 565Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 566Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 567Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 568Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 569Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-63
2 of 6
SPI
SPI Status and Control Register (SPSCR) continued
SPI Status and
Control Register
(SPSCR)
$1FFFE8
Bits
15 14 13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
SPR
DSO ERRIE MODFEN SPRIE SPMSTR CPOL CPHA SPE SPTIE
SPRF OVRF MODF SPTE
Write
Reset
0
1
1
0
0
0
0
1
0
1000
000
Bits
Name
Description
7
CPOL
Clock Parity
This read/write bit determines the logic state of the SCLK pin between transmissions. To transmit
data between SPI modules, the SPPI modules musts have identical CPOL values.
0
Falling edge of SCLK starts transmission
1
Rising edge of the SCLK starts transmission
6
CPHA
Clock Phase
This read/write bit controls the timing relationship between the serial clock and SPI data. To
transmit data between SPI modules, there must be identical CPHA values. When CPHA = 0, the
SS pin of the Slave SPI module musts be set to Logic 1 between full length data transmissions.
5
SPE
SPI Enable
This read/write bit enables the SPI module. Clearing SPE causes a partial reset of the SPI. When
setting/clearing this bit, no other bits in the SPSCR should be changed. Failure to following this
statement may result in spurious clocks.
0
SPI module disabled
1
SPI module enabled
4
SPTIE
SPI Transmit Interrupt Enable
This read/write bit enables interrupt requests generated by the SPTE bit. SPTE is set when a full
data length transfers from the Transmit Data Register to the Shift Register.
0
SPTE interrupt requests disabled
1
SPTE interrupt request enabled
3
SPRF
SPI Receiver Full
This read-only flag enables interrupt requests generated by the SPTE bit.
0
Receive Data Register not full
1
Receive Data Register full
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com