Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 569 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 569 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 565Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 566Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 567Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 568Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 569Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 570Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 571Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 572Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 573Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-67
6 of 6
denotes Reserved Bits
denotes Reserved Bits
SPI
SPI Data Transmit
Register (SPDTR)
$1FFFEB
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Write
T15
T14
T13
T12
T11
T10
T9
T8
T7
T6
T5
T4
T3
T2
T1
T0
Reset
0
0000
0000
0000
000
SPI Data Transmit Register (SPDTR)
Bits
Name
Description
15 - 0
T
Transmit
This is a write-only data register. Writing data to the register modifies data to the transmit data
buffer. When the SPTE bit is set, new data should be written to this register. If new data is not
written while in the Master mode, a new transaction will not be initiated until this register is written.
When in the Slave mode, the old data will be re-transmitted. All data should be written with the LSB
at bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com