Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 573 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 573 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 569Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 570Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 571Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 572Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 573Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 574Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-71
Freescale Semiconductor
Preliminary
ESSI Status Register (SSR) continued
Bits
Name
Description
7
RDR
Receive Data Ready Flag
This flag bit is set when Receive Data Register or the receive FIFO is loaded with a new
value. The RDR is cleared when the CPU reads the SRX register. When RXFIFO is enabled,
RDR is cleared when receive FIFO is empty.
6
TDE
Transmit Data Register Empty
This flag bit is set when there is no data waiting to be transferred to the TXSR register. A
transmit FIFO is enabled when there is at least one empty slot in STX or TXFIFO. When the
TXFIFO is not enabled, the STX is empty.
5
ROE
Receive Overrun Error
This flag bit is set when the Receive Shift Register (RXSR) is enabled, filled, ready to transfer
to the SRX or the RXFIFO registers, and when these registers are already full.
4
TUE
Transmitter Underrun Error
This flag bit is set when the TXSR is empty, or when there is no data to be transmitted, as
indicated by the TDE bit being set, and a transmit time slot occurs. When a Transmit Underrun
Error occurs, the previously sent data is retransmitted.
3
TFS
Transmit Frame Sync
When set, this flag bit indicates a frame sync occurred during transmission of the last word
written to the STX register.
2
RFS
Receive Frame Sync
When set, this flag bit indicates a frame sync occurred during receiving of the next word into
the SRX register.
1
RFF
Receive FIFO Full
When set, this bit indicates data can be read using the SRX register. The data level in the
RXFIFO must reach the your selected Receive FIFO Watermark (RFWM) threshold.
0
TFE
Transmit FIFO Empty
When set, the TFE bit indicates data can be written to the TXFIFO register. The TFE bit is
cleared by writing data to the STX register until the TXFIFO data content level reaches the
watermark level.
ESSI Status
Register (SSR)
Base + $4
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
IF1
IF0
TFF
TLS
RLS TF1ERR TF2ERR RDR TDE ROE TUE
TFS
RFS
RFF
TFE
Write
Reset
000
000
0
0
00000
000
ESSI
4 of 16
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com