Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 574 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 574 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 570Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 571Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 572Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 573Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 574Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 578Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 574 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-72
Preliminary
ESSI Control Register 2 (SCR2)
5 of 16
Bits
Name
Description
15
RIE
Receive Interrupt Enable
This control bit allows interrupting the program controller
0
Receive FIFO is disabled: No interrupt is generated
1
Receive FIFO is disabled: Interrupt is generated if the RDR flag in the SSR is set
0
Receive FIFO is enabled: No interrupt is generated
1
Receive FIFO is enabled: Interrupt is generated if the RFF flag in the SSR is set
14
TIE
Transmit Interrupt Enable
This control bit provides program controller interruption
0
Transmit FIFO is disabled: No interrupt is generated
1
Transmit FIFO is disabled: Interrupt is generated if the TDE flag in the SSR is set
0
Transmit FIFO is enabled: No interrupt is generated
1
Transmit FIFO is enabled: Interrupt is generated if the TFE flag in the SSR is set
13
RE
Receive Enable
This control bit enables the receive portion of the ESSI
0
Receiver is disabled by inhibiting data transfer into the SRX
1
Receiver portion of the ESSI is enabled and received data will be processed
beginning with the next frame sync
12
TE0
Transmit Enable 0
This control bit enables the transfer of the contents of the STX0 register to its TXSR0
0
The transmitter continues to send data in TXSRO, then transmitter is disabled
1
On the next frame boundary, the transmit 0 portion of the ESSI is enabled
11
TE1
Transmit Enable 1
This control bit enables the transfer of the contents of the STX1 register to its TXSR1
0
Transmitter continues to send data currently in TXSR1, then disables transmitter
1
On the next frame boundary, the transmit 1 portion of the ESSI is enabled
10
TE2
Transmit Enable 2
This control bit enables the transfer of the contents of the STX2 register to its TXSR2
0
Transmitter continues to send data currently in TXSR2, then disables transmitter
1
On the next frame boundary, the transmit 2 portion of the ESSI is enabled
ESSI Control
Register 2 (SCR2)
Base + $5
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RIE
TIE RE TE0 TE1 TE2
SYN TSHFD TSCKP ESSIEN NET TFSI TFSL TEFS
Write
Reset
00000
0
0
0
0
0
0
0
0
0
0
0
ESSI
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com