Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 575 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 575 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 571Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 572Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 573Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 574Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 578Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 579Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-73
Freescale Semiconductor
Preliminary
ESSI Control Register 2 (SCR2) continued
Bits
Name
Description
7
SYN
Synchronous Mode
This control bit enables the Synchronous mode of operation
6
TSHFD
Transmit Shift Direction
This bit controls whether the MSB or LSB is transmitted first for the transmit section
0
MSB is transmitted first
1
LSB is transmitted first
5
TSCKP
Transmit Clock Parity
This control bit determines which bit clock edge is used to clock out data in the transmit
0
Data is clocked out on the rising edge of the bit clock
1
Falling edge of the bit clock is used to clock the data out
4
ESSIEN
ESSI Enable
This control bit enables and disables the ESSI
0
The ESSI is disabled
1
The ESSI is enabled
3
NET
Network Mode
This control bit selects the operational mode of the ESSI
0
Normal mode is selected
1
Network mode is selected
2
TFSI
Transmit Frame Sync Invert
This control bit selects the logic of frame sync I/O
0
Frame sync is active high
1
Frame sync is active low
1
TFSL
Transmit Frame Sync Length
This control bit selects the length of the frame sync signal to be generated or recognized
0
A one-word long frame sync is selected
1
A one-bit long frame sync is selected
0
TEFS
Transmit Early Frame Sync
This bit controls when the frame sync is initiated for the transmit and receive sections
0
Frame sync is initiated as the first bit of data is transmitted
1
Frame sync is initiated one bit before the data is transmitter
ESSI
6 of 16
ESSI Control
Register 2 (SCR2)
Base + $5
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RIE
TIE RE TE0 TE1 TE2
SYN TSHFD TSCKP ESSIEN NET TFSI TFSL TEFS
Write
Reset
00000
0
0
0
0
0
0
0
0
0
0
0
denotes Reserved Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com