Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 579 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 579 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 578Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 579Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 580Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 581Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 582Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 583Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-77
Freescale Semiconductor
Preliminary
10 of 16
ESSI Control Register 4 (SCR4) continued
denotes Reserved Bits
Bits
Name
Description
3
SCD1
Serial Control Direction 1
This bit controls the direction of the SC1 pin depending on the stat of the other controls
0
SC1 is an input
1
SC1 is an output
2
SCD0
Serial Control Direction 0
This bit controls the direction of the SC0 pin depending on the state of other controls
0
SC0 is an input
1
SC0 is an output
1
OF1
Serial Output Flag 1
When SC1 is configured for Output Flag functionality the control bit determines the state of the
output pin. Changes in the OF1 bit will appear on the SC1 pin at the beginning of the next frame
in the Normal mode, or at the beginning of the next time slot in the Network mode.
0
OF0
Serial Output Flag 0
When SC0 is configured for Output Flag functionality, the control bit determines the state of the
output pin. Changes in the OF0 bit will appear on the SC0 pin at the beginning of the next frame
in the Normal mode, or at the beginning of the next time slot in the Network mode.
ESSI Control
Register 4 (SCR4)
Base + $7
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TXSFO TXSF1 TXSF2
SSC1 SCKD SCD2 SCD1 SCD0 OF1
OF0
Write
Reset
0
0
0
0
0
0
00
0
0
0
0
000
0
ESSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com