Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 580 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 580 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 578Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 579Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 580Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 581Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 582Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 583Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 584Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 580 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-78
Preliminary
11 of 16
ESSI Transmit and Receive Control Registers (STXCR, SRXCR)
Bits
Name
Description
15
PSR
Prescaler Range
This bit controls a fixed divide-by-eight prescaler in series with the variable prescaler. It extends
the range of the prescaler for those cases where a slower bit clock is desired.
0
When the PSR bit is cleared, the fixed prescaler is by-passed
1
When the PSR bit is set, the fixed divide-by eight prescaler is operational
14 - 13
WL
Word Length Control
These bits are used to select the length of the data words being transferred by the ESSI
12 - 8
DC
Frame Rate Divider Control
This bit field controls the divide ratio for the programmable frame rate dividers
7 - 0
PM
Prescaler Modulus Select
This bit field specifies the divide ratio of the prescale divider in the ESSI clock generator. This
prescaler is used only in internal clock mode to divide the internal peripheral clock.
ESSI
ESSI Transmit
Control Register
(STXCR)
Base + $8
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PSR
WL
DC
PM
Write
Reset
0
000
000
000
000
000
ESSI Receive
Control Register
(SRXCR)
Base + $9
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
PSR
WL
DC
PM
Write
Reset
0
000
0000
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com