Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 584 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 584 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 580Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 581Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 582Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 583Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 584Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 585Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 586Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 587Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 588Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 584 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-82
Preliminary
15 of 16
15 - 0
TSMA
Transmit Slot Mask A
This is a read/write register. In the Network mode, these registers are used by the transmitter
to determine which action to take in the current transmission slot. Depending on the setting of
the bits, the transmitter either tri-states the transmitter data signal or transmits a data word and
generates the appropriate transmit status. TSMA and TSMB can be viewed as a single 32-bit
register named TSM. Bit n in TSM (TSMn) is an enable/disable control bit for transmission in
slot N.
0
The transmit data signal of the transmitter is tri-stated during transmit time slot N. Data
is not transferred to the TXSR, therefore transmit status flags are not changed
1
The transmit sequence proceeds normally. Data is transferred from the STX register
(or TXFIFO, if enabled) to the shift register during slot N. Appropriate flags are set
16 - 31
TSMB
Transmit Slot Mask B
This is a read/write register. In the Network mode, these registers are used by the transmitter
to determine which action to take in the current transmission slot. Depending on the setting of
the bits, the transmitter either tri-states the transmitter data signal or transmits a data word and
generates the appropriate transmit status. TSMA and TSMB can be viewed as a single 32-bit
register.
0
The transmit data signal of the transmitter is tri-stated during transmit time slot N. Data
is not transferred to the TXSR, therefore transmit status flags are not changed
1
The transmit sequence proceeds normally. Data is transferred from the STX register
(or TXFIFO, if enabled) to the shift register during slot N. Appropriate flags are set
ESSI Transmit Slot Mask Registers (TSMA, TSMB)
ESSI
ESSI Transmit Slot
Mask Register
(TSMB)
Base + $D
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TSMB [31:16]
Write
Reset
1111
1111
1111
1111
ESSI Transmit Slot
Mask Register
(TSMA)
Base + $C
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TSMA [15:0]
Write
Reset
11111
1111
1111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com