Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 585 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 585 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 581Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 582Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 583Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 584Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 585Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 586Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 587Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 588Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 589Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-83
Freescale Semiconductor
Preliminary
16 of 16
15 - 0
RSMA
Receive Slot Mask A
The Receive Slot Mask Registers are two 16-bit read/write registers. In the Network mode,
these registers are used by the receiver to determine which action to take in the current time
slot. Depending on the setting of the bits, the receiver either ignores the receiver data
signal(s), or receives a data word, generating the appropriate receive status. RSMA and
RSMB can be viewed as one 32-bit register, RSM. Bit n in RSM (RSMn) is an enable/disable
control bit for time slot N.
0
Data is not transferred from the Receive Shift Register (RXSR) to the Receive Data
(SRX) register, therefore the RDR and ROE flags are not set
1
The receive sequence proceeds normally. Data is received during slot N, and the RDR
flag is set
31 - 16
RSMB
Receive Slot Mask B
The Receive Slot Mask Registers are two 16-bit read/write registers. In the Network mode,
these registers are used by the receiver to determine which action to take in the current time
slot. Depending on the setting of the bits, the receiver either ignores the receiver data
signal(s), or receives a data word, generating the appropriate receive status. RSMA and
RSMB can be viewed as one 32-bit register, RSM. Bit n in RSM (RSMn) is an enable/disable
control bit for time slot N.
0
Data is not transferred from the Receive Shift Register (RXSR) to the Receive Data
(SRX) register, therefore the RDR and ROE flags are not set
1
The receive sequence proceeds normally. Data is received during slot N, and the RDR
flag is set
ESSI Receive Slot Mask Registers (RSMA, RSMB)
ESSI
ESSI Receive Slot
Mask Register
(RSMB)
Base + $F
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RSMB [31:16]
Write
Reset
1111
1111
1111
1111
ESSI Receive Slot
Mask Register
(RSMA)
Base + $E
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RSMA [15:0]
Write
Reset
11111
1111
1111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com