Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 576 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 576 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 572Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 573Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 574Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 578Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 579Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 580Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-74
Preliminary
7 of 16
ESSI Control Register 3 (SCR3)
denotes Reserved Bits
ESSI Control
Register 3 (SCR3)
Base + $6
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DIV4DIS RSHFD RSCKP RDMAE TDMAE RFSI RFSL REFS RFEN TFEN INIT
SYN
RST
RLIE TLIE
Write
Reset
0
0
0
0
0
0
0
0
0
0
00
00
0
0
Bits
Name
Description
15
DIV4DIS
Divider 4 Disable
0
FIX_CLK is equal to the IP_CLK/4 for both transmitter and receiver clock generator circuits
1
FIX_CLK is equal to the IP_CLK
14
RSHFD
Receive Shift Direction
This control bit determines if MSB or LSB is received first for the receive section
0
Data received MSB first
1
Data received LSB first
13
RSCKP
Receive Clock Polarity
This control bit determines if bit clock edge is used to capture data for the receive section
0
Captured data during clock falling edge
1
Capture data input during rising edge of the clock
12
RDMAE
Receive DMA Enable
This bit allows the ESSI to request a DMA module transfer of received data
0
If receive FIFO is disabled: No DMA transfer is requested
1
If receive FIFO is disabled: DMA request is generated when the ESSI RDR bit is set
0
If receive FIFO is enabled: No DMA transfer is requested
1
If receive FIFO is enabled: DMA request is generated when the ESSI FRR bit in SSR is set
11
TDMAE
Transmit DMA Enable
This bit allows the ESSI to request a DMA transfer for the next data to transmit
0
If transmit FIFO is disabled: No DMA transfer is requested
1
If transmit FIFO is disabled: DMA request is generated when the ESSI TDE bit in TDE is set
0
If transmit FIFO is enabled: No DMA transfer is requested
1
If transmit FIFO is enabled: DMA request is generated when the ESSI TFE bit in SSR is set
10
RFSI
Receive Frame Sync Invert
This bit selects the logic of frame sync I/O for the receive section
0
Frame sync is active high
1
Frame sync is active low
See the following page for continuation of this register
ESSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com