Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 578 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 578 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 574Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 578Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 579Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 580Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 581Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 582Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 578 / 662 page
background image
Application:
Date:
Programmer:
Sheet
Appendix B - Programmer’s Sheets, Rev. 4
Freescale Semiconductor
B-76
Preliminary
9 of 16
ESSI Control Register 4 (SCR4)
denotes Reserved Bits
Bits
Name
Description
10
TXSFO
Transmit Status Flag Control 0
0
The indicated transmitter does not affect the status bits
1
The indicated transmitter status will affect the TFF, TDE, TUE, and TFE status bits
9
TXSF1
Transmit Status Flag Control 1
0
The indicated transmitter does not affect the status bits
1
The indicated transmitter status will affect the TFF, TDE, TUE, and TFE status bits
8
TXSF2
Transmit Status Flag Control 2
0
The indicated transmitter does not affect the status bits
1
The indicated transmitter status will affect the TFF, TDE, TUE, and TFE status bits
6
SSC1
Select SC1
This bit controls the functionality of the SC1 signal and is used only if SYN = 1 and TE2 = 0
0
The SC1 acts as the serial I/O flag (IF1/OF1)
1
When configured as an output (SCD1 = 1), the SC1 signal acts as the transmitter 0
driver-enable, enabling an external buffer for the transmitter 0 output
5
SCKD
Clock Source Direction
This bit configures the source of the clock signal used to clock the transmit shift register in
Asynchronous mode and both Transmit and Receive Shift Registers are in Synchronous mode
0
SCK pin is configured as an input. This pin is used as the clock source
1
Internal transmit clock generator is selected. This clock is output on the SCK pin
4
SCD2
Serial Control Direction 2
This bit controls the direction of the SC2 pin
0
SC2 is an input
1
SC2 is an output
ESSI Control
Register 4 (SCR4)
Base + $7
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
TXSFO TXSF1 TXSF2
SSC1 SCKD SCD2 SCD1 SCD0 OF1
OF0
Write
Reset
00
000
0
0
0
0
0
0
0
0
0
0
0
ESSI
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com