Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 577 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 577 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 573Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 574Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 575Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 576Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 577Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 578Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 579Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 580Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 581Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
56F853/854/855/857/858 Digital Signal Controller User Manual, Rev. 4
B-75
Freescale Semiconductor
Preliminary
Bits
Name
Description
2
SYNRST
Frame Sync Reset
0
Data must be read to be cleared from the registers
1
Resets the accumulation of data in the SRX register and RXFIFO bit in frame sync
1
RLIE
Receive Last Slot Interrupt Enable
0
The Receive Last Slot Interrupt is disabled
1
An interrupt is generated after the last slot of a receive frame ends when the ESSI is in the
Network mode. Interrupt occurs regardless of the receive mask register setting.
0
TLIE
Transmit Last Slot Interrupt Enable
0
The Transmit Last Slot Interrupt is disabled
1
An interrupt is generated at the beginning of the last slot of the transmit frame when the
ESSI is in the Network mode. The interrupt occurs regardless of the transmit mask register
setting.
8 of 16
ESSI Control Register 3 (SCR3) continued
ESSI
denotes Reserved Bits
ESSI Control
Register 3 (SCR3)
Base + $6
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
DIV4DIS RSHFD RSCKP RDMAE TDMAE RFSI RFSL REFS RFEN TFEN INIT
SYN
RST
RLIE TLIE
Write
Reset
0
0
0
0
0
0
0
0
0
0
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com