Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 562 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 562 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 558Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 559Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 560Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 561Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 562Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 563Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 564Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 565Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 566Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 562 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-60
Freescale Semiconductor
SCI Status Register
(SCISR)
Base + $3
Bits
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read TDRE TIDLE RDRF RIDLE OR
NF
FE
PF
0
0
0
0
0
0
0
RAF
Write
Reset
0
0000
0000
0000
000
Bits
Name
Description
9
FE
Framing Error
This bit is set when a Logic 0 is accepted as the stop bit. The FE bit is set during the same cycle
as the RDRF flag but does not get set in the case of an overrun. FE inhibits further data reception
until it is cleared. Clear FE by reading the SCI Status Register (SCISR) with FE set and then
writing the SCI status register with any value.
0
No framing error
1
Framing error
8
PF
Parity Error Flag
This bit is set when the parity enable PE bit is set and the parity of the received data does not
match its parity bit. Clear PF by reading the SCI Status Register (SCISR) and then writing the SCI
status register with any value.
0
No parity error
1
Parity error
0
RAF
Receiver Active Flag
This bit is set when the receiver detects a Logic 0 during the RT1 time period of the start bit search.
RAF is cleared when the receiver detects false start bits (usually from noise or baud rate
mismatch) or when the receiver detects a preamble.
0
No reception in progress
1
Reception in progress
denotes Reserved Bits
8 of 9
SCI
SCI Status Register (SCISR) continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com