Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 564 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 564 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 560Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 561Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 562Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 563Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 564Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 565Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 566Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 567Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 568Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 662 page
background image
Application:
Date:
Programmer:
Sheet
C
5685X Digital Signal Controller User Manual, Rev. 4
B-62
Freescale Semiconductor
1 of 6
SPI
SPI Status and Control Register (SPSCR)
SPI Status and
Control Register
(SPSCR)
$1FFFE8
Bits
15 14 13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
SPR
DSO ERRIE MODFEN SPRIE SPMSTR CPOL CPHA SPE SPTIE
SPRF OVRF MODF SPTE
Write
Reset 0
1
1
0
0
0
0
1
01
00
00
00
Bits
Name
Description
15 - 13
SPR
SPI Baud Rate
These are read/write bits while in Master mode, selects one of four baud rates.
12
DSO
Data Shift Order
This read/write bit determines whether the MSB or LSB bit is transmitted or received first.
0
MSB transmitted first (MSB->LSB)
1
LSB transmitted first (LSB->MSB)
11
ERRIE
Error Interrupt Enable
This read/write bit enables the MODF and OVRF bits to generate interrupt requests. Reset clears
the ERRIE bit. ERRIE bit enables both the MODF and OVRF bits to generate a receiver/error
interrupt request.
0
MODF and OVRF cannot generate interrupt requests
1
MODF and OVRF can generate interrupt requests
10
MODFEN
Mode Fault Enable
This read/write bit when set to one allows the MODF flag to be set. If the MODF flag is set,
clearing the MODFEN does not clear the MODF flag.
9
SPRIE
SPI Receiver Interrupt Enable
This read/write bit enables interrupt requests generated by the SPRF bit. The SPRF bit is set
when a full data length transfers from the Shift Register to the Receive Data Register.
0
SPRF interrupt requests disabled
1
SPRF interrupt requests enabled
8
SPMSTR
SPI Master
This read/write bit selects Master mode operation or slave mode operation.
0
Slave mode
1
Master mode
denotes Reserved Bits
See the following page for continuation of this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com