Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 107Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 662 page
background image
Features
System Integration Module (SIM), Rev. 4
Freescale Semiconductor
4-3
4.1 Introduction
The System Integration Module (SIM) is responsible for several system control functions
including:
•
Clock generation
•
Reset generation
•
Power mode control
•
Boot mode control
•
Memory map control
•
External I/O configuration
•
Software control
4.2 Features
The following list contains distinctions of SIM:
•
Five system bus clocks with pipeline hold-off support
– Data RAM clock with hold-off control
– IPBus Interface clock with hold-off control
– System external memory interface four-phase clock with hold-off control
– 56800E core system clock
– General purpose clock (both standard and inverted versions)
•
Three system clocks for non pipelined interfaces
– PCLK clock for 56800E core
– NCLK clock for 56800E core
– A continuously running system clock
•
A peripheral bus (IPBus) clock, both on standard and inverted versions
•
An external clock output with disable
•
A core stall control used to stall the 56800E core system clock for DMA mastership
•
A peripheral bus clock phase indicator
•
Three power modes to control power utilization:
– Stop mode shuts down the 56800E core, system clocks, and the peripheral clock. Stop
mode entry can optionally disable PLL and Oscillator providing a choice of lower power
vs. a faster restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com