Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 112 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 112 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 108Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 109Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 110Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 111Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 112Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 113Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 114Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 116Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 662 page
background image
Block Diagram
5685X Digital Signal Controller User Manual, Rev. 4
4-4
Freescale Semiconductor
– Wait mode shuts down the 56800E core, and unnecessary system clock operation.
– Run mode supports full part operation.
•
Controls to enable/disable the 56800E core Wait and Stop instructions
•
32-cycle extended chip internal reset
•
32-cycle extended Time-of-Day reset (responds only to POR reset)
•
32-cycle extended reset for the Clock Generated Module (CGM)
•
Software initiated reset
•
Controls to redirect internal data and/or program RAM accesses to the external memory
interface
•
Software Boot mode Control Register, initialized at any reset (except COP reset) from
external pins
•
A hold off output to coordinate peripheral bus transactions with the system bus pipeline
•
Two 16-bit registers reset only by a power-on reset usable for general purpose software
control
4.3 Block Diagram
The System Integration Module (SIM) is depicted in Figure 4-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com