Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 115Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 116Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 117Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 118Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 662 page
background image
Register Descriptions (SYS_BASE = $1FFF08)
System Integration Module (SIM), Rev. 4
Freescale Semiconductor
4-11
4.6.1.2.4 Boot Mode 3: Development Expanded Mode
The PRAM DISABLE is set to one, leaving internal data RAM enabled, but the internal program
RAM is disabled. All references to internal program memory space are subsequently directed to
external program memory. No code is loaded. The bootstrap program simply vectors to program
memory location P:$000000 using CS0 as the chip select.
4.6.1.2.5 Boot Mode 4: Bootstrap From Host Port–Single Strobe Clocking
The PRAM DISABLE remains at zero, leaving both internal program and data RAM enabled.
The bootstrap program configures the Host Port for single strobe access, loading program
memory from the Host Port before jumping to the start of the user code.
Note:
This mode becomes a reserved mode on parts lacking a host port interface.
4.6.1.2.6 Boot Mode 5: Bootstrap From Host Port–Dual Strobe Clocking
The PRAM DISABLE remains at zero, leaving both internal program and data RAM enabled.
The bootstrap program configures the Host Port for dual strobe access, loading program memory
from the Host Port before jumping to the start of the user code.
Note:
This mode becomes a reserved mode on parts lacking a host port interface.
4.6.1.2.7 Boot Mode 6: Bootstrap From SCI
The PRAM DISABLE remains at zero, leaving both internal program and data RAM enabled. It
configures the SCI for 38400 baud transfers with a 4MHz or 19200 with a 2MHz crystal. It also
enables the PLL to operate during the boot process. The bootstrap program then loads program
memory from the SCI port and jumps to the start of the user code. External clocking must be at
2MHz or 4MHz. It uses the PLL but leaves it off when complete. The data format is:
•
One start bit
•
Eight-data bits
•
No parity bit
•
One Stop bit
•
Flow Control off
4.6.1.2.8 Boot Mode 7: Reserved for Future Use
4.6.1.3 Chip Revision (CHIP REV)—Bits 11–8
Static read only value (currently 0001) indicating chip revision. This is intended to be used by
applications software to facilitate support of backwards compatibility. Changes to the
programming interface can be tied to their associated chip revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com