Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 118Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 119Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 120Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 662 page
background image
Clock Generation Concepts
5685X Digital Signal Controller User Manual, Rev. 4
4-14
Freescale Semiconductor
4.7 Clock Generation Concepts
The 568500E system bus is pipelined. The data cycle occurs two system clock cycles after the
address cycle with a between cycle between the two. The SIM also supports two system bus
masters, the core and multi-channel DMA. The SIM contains features to maintain the integrity of
this continuous pipeline during the operation of the system. A hold-off mechanism is furnished to
provide system bus slaves extra clock cycles when needed to maintain synchronization with the
pipeline. A core stall mechanism is provided to keep the 56800E core’s internal pipeline from
advancing when the DMA is master.
The peripheral bus clock has no hold-off, or stall. It runs at one-half the frequency of the system
bus. The peripheral bus reads and writes are single cycle. IPBB is the only master on the
peripheral bus.
A Wait state mechanism permits peripheral bus transactions to take extra cycles when required
by slower peripherals.
The IPBus Bridge (IPBB) coordinates the system and peripheral buses. The IPBB presents
hold-off requests to the system bus pipeline when the system bus transactions generate multiple
peripheral bus transactions, or the peripheral is programmed to generate Wait states.
All generated clocks are true for the first-half period and false for the second-half period. Any
mechanism inhibiting a clock such as hold-off, or core stall, causes the clock to remain low
during the entire period. The CLK_MSTR input can be fed by the PLL output, by the oscillator
running with a crystal, or by the oscillator input being clocked externally. The system bus clock
frequency is always CLK_MSTR/2. The peripheral bus clock frequency is always
CLK_MSTR/4. The CLKOUT frequency is always CLK_MSTR/8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com