Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 121Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 122Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 123Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 124Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 125Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 662 page
background image
Resets
System Integration Module (SIM), Rev. 4
Freescale Semiconductor
4-17
The SIM has special control relationships with both the Oscillator (OSC) module and the Phase
Locked Loop (PLL) module. By default, the SIM provides an extreme low power Stop mode
(when OMR6_SD set to zero), by shutting down the PLL and, if possible, the oscillator output
amplifiers. Alternatively (when OMR6_SD set to one), the SIM supports a fast Stop mode
recovery and does not affect the state of the PLL or oscillator when the Stop mode is entered.
Extreme low power Stop mode works in this manner: upon entering the Stop mode, the SIM
asserts its PLL_SHUTDOWN output causing the PLL to be disabled and bypassed. One cycle
later, it asserts its OSC_LOPWR output. This feeds the LOW_PWR_MODE input of the OSC.
When the TOD clock prescaler in the OSC module is used (TOD_SEL bit in CGM Control
register is zero), and OSC_LOPWR is asserted high, the OSC module shuts off its output clock
amplifiers for maximum power savings. When the CGM TOD clock prescaler is used
(TOD_SEL bit is one), OSC_LOPWR is ignored because the CGM depends on clocking from
OSC to generate the TOD clock.
When a fast Stop mode recovery is applied (the OMR6_SD bit in the core is set) neither
OSC_LOPWR nor PLL_SHUTDOWN will assert during the Stop mode entry. In this case, the
Stop mode entry leaves the clock generation system alone. When there is a return to the Run
mode, the clock (PLL based or direct), will be just as it was when Stop was entered, avoiding any
need to wait for PLL lock.
The SIM does not automatically restart and engage the PLL upon recovery from extreme Low
Power mode. This responsibility is left to the applications software. Refer to the documentation
of the Oscillator module for details on its Low Power mode input.
A final note on timing: Entry into either the Wait or Stop modes occurs at the next system clock
edge after p5STOP or p5WAIT asserts. Their disabling effect on clock generation will start one
clock cycle after that. The timing of entry into Low Power modes, especially the Stop mode, is
critical and is managed by a state machine in the Power Mode Control module. This module
ensures while in the Stop mode entry, PLL_SHUTDOWN asserts and the PLL is disabled and in
Bypass mode before OSC_LOPWR asserts possibly shutting off the clock input to the PLL.
4.10 Resets
The SIM supports four sources of reset. The two asynchronous sources are the external reset pin
and the Power-On Reset (POR). The two synchronous sources are the software reset, generated
within the SIM itself, and the COP reset. The reset generation module has two reset detectors. A
chip internal reset is detected when any of the sources assert. A POR reset is detected only when
the POR input asserts. The detectors remain asserted until the last active reset source deasserts.
The chip-internal reset detector output is the primary reset used within the SIM. The only
exception is the Software Control registers, reset by the POR reset detector and the Boot mode
field in the SIMCTL register, reset by the mode reset detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com