Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 126Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 127Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 128Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 129Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 662 page
background image
Functional Description
5685X Digital Signal Controller User Manual, Rev. 4
5-4
Freescale Semiconductor
5.3 Functional Description
The 56800E core architecture contains three separate buses for access to memory/peripherals.
The EMI attaches to all of these buses and provides an interface to external memory over a single
external bus. The EMI serializes these internal requests to external memory in a manner avoiding
conflicts and contention.
5.3.1 Core Interface Detail
Managing the core access to the external memory consists of four issues: (Please refer to
Figure 5-1.)
1. Any of the three buses can request external access at any time. This means the EMI can
potentially have three requests it must be completed before the core can proceed. The EMI
must hold-off further execution of the core until it can serialize the requests over the
external bus. This provides simultaneous data for all buses to the core for read operations.
2. There may be a mixture of read and write requests on the core buses. For instance, the
program memory bus may request a read operation while the primary data bus (XAB1) is
requesting a write operation.
3. The primary data bus (XAB1) may request an 8-bit transfer. This request must access the
appropriate external byte.
4. The primary data bus (XAB1) may request a 32-bit transfer. This request requires two
accesses of the external bus. The EMI must hold-off further core execution until all 32 bits
have been transferred. This action may happen in conjunction with item one above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com