Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 130Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 662 page
background image
Register Descriptions (EMI_BASE = $1FFE40)
5685X Digital Signal Controller User Manual, Rev. 4
5-8
Freescale Semiconductor
the base address can be at block size boundaries only). For example, for a block size of 64k, the
base address can be 64k, 128k, 192k, 256k, 320k, etc.
Note:
The default reset value for CSn will enable a 32K block of external memory starting at
address zero. This may be defined to be something else for a specific chip in which
case the chip user manual will detail the specific reset value.
Figure 5-3. Chip Select Base Address Registers 0–3 (CSBAR0–CSBAR3)
See Programmer’s Sheet on Appendix page B-9
5.6.2 Chip Select Option Registers 0–3 (CSOR0–CSOR3)
A Chip Select Option Register is required for every chip select. This register specifies the mode
of operation of the chip select and the timing requirements of the external memory.
Note:
The CSn logic can be used to define external memory wait states even if the CSn pin is
used as GPIO.
Note:
The CSn output can be disabled by setting either the PS/DS, R/W or BYTE_EN fields
to zero.
Base + $0 - $3
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
ADR23 ADR22 ADR21 ADR20 ADR19 ADR18 ADR17 ADR16 ADR15 ADR14 ADR13 ADR12
BLKSZ
Write
Reset
000
0000
000
00
0
0
1
1
Table 5-2. CSBAR Encoding of the BLKSZ Field
BLKSZ
Block Size
Address Lines Compared
0000
4K
X: ADR[23:12], P: ADR[20:12]
0001
8K
X: ADR[23:13], P: ADR[20:13]
0010
16K
X: ADR[23:14], P: ADR[20:14]
0011
32K
X: ADR[23:15], P: ADR[20:15]
0100
64K
X: ADR[23:16], P: ADR [20:16]
0101
128K
X: ADR[23:17], P: ADR[20:17]
0110
256K
X: ADR[23:18], P: ADR[20:18]
0111
512K
X: ADR[23:19], P: ADR [20:19]
1000
1M
X: ADR[23:20], P: ADR[20:20]
1001
2M
X: ADR[23:21]. All program address space decoded.
1010
4M
X: ADR[23:22]. No program address space decoded.
1011
8M
X: ADR[23:23]. No program address space decoded.
1100
16M
All data address space decoded. No program address space decoded.
1101
Reserved
No data address space decoded. No program address space decoded.
1110
Reserved
No data address space decoded. No program address space decoded.
1111
Reserved
No data address space decoded. No program address space decoded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com