Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 135 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 135 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 131Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 132Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 139Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 662 page
background image
Register Descriptions (EMI_BASE = $1FFE40)
External Memory Interface (EMI), Rev. 4
Freescale Semiconductor
5-9
Figure 5-4. Chip Select Option Registers 0–3 (CSOR0–CSOR3)
See Programmer’s Sheets on Appendix page C- 10
5.6.2.1 Read Wait States (RWS)—Bits 15–11
The RWS field specifies the number of additional system clocks, 0-30 (31 is invalid) to delay for
read access to the selected memory. The value of RWS should be set as indicated in
Section 5.7.1.
5.6.2.2 Upper/Lower Byte Option (BYTE_EN)—Bits 10–9
This field specifies whether the memory is 16 bits wide or one byte wide. If the memory is byte
wide, the option of upper or lower byte of a 16-bit word is selectable. Table 5-3 provides the
encoding of this field.
5.6.2.3 Read/Write Enable (R/W)—Bits 8–7
This field determines the read/write capabilities of the associated memory as shown in Table 5-4.
5.6.2.4 Program/Data Space Select (PS/DS)—Bits 6–5
The mapping of a chip select to program and/or data space is shown in Table 5-5.
Base + $8 - $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
RWS
BYTE_EN
R/W
PS/DS
WWS
Write
Reset
10
11
10
00
000
10
11
1
Table 5-3. CSOR Encoding BYTE_EN Values
Value
Meaning
00
Disable
01
Lower Byte Enable
10
Upper Byte Enable
11
Both Bytes Enable
Table 5-4. CSOR Encoding of Read/Write Values
Value
Meaning
00
Disable
01
Write-Only
10
Read-Only
11
Read / Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com