Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 139 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 139 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 143Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 662 page
background image
Register Descriptions (EMI_BASE = $1FFE40)
External Memory Interface (EMI), Rev. 4
Freescale Semiconductor
5-13
5.6.4.2 Base Minimal Delay After Read (BMDAR)—Bits 14–12
This bit field specifies the number of system clocks to delay after reading from memory not in CS
controlled space. Since a write to the device implies activating the digital signal controller on the
bus, this is also considered a read from another device, therefore activating the BMDAR timing
control. Please see the description of the MDAR field of the CSTC registers for a discussion of
the function of this control.
5.6.4.3 Reserved—Bits 11–10
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.4.4 Base Write Wait States (BWWS)—Bits 9–5
This bit field specifies the number of additional system clocks 0-30 (31 is invalid) to delay for
write access to the selected memory when the memory address does not fall within CS controlled
range. The value of BWWS should be set as indicated in Timing Specifications.
5.6.4.5 Base Read Wait States (BRWS)—Bits 4–0
This bit field specifies the number of additional system clocks 0-30 (31 is invalid) to delay for
read access to the selected memory when the memory address does not fall within CS controlled
range. The value of BRWS should be set as indicated in Section 5.7.
Table 5-6. Operation with DRV
800E Core Operating State
DRV
Pins
A23:A0
RD, WR, CSn
D15:D0
EMI is Between External Memory Accesses
0
Tri-stated
Tri-stated
Tri-stated
Reset Mode
Tri-stated
Pulled High Internally
Tri-stated
EMI is Between External Memory Accesses
1
Driven
Driven (RD, WR, CSn are Deasserted)
Tri-stated
Reset Mode
Tri-stated
Pulled High Internally
Tri-stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com