Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 140 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 140 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 141Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 142Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 143Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 144Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 662 page
background image
Timing Specifications
5685X Digital Signal Controller User Manual, Rev. 4
5-14
Freescale Semiconductor
5.7 Timing Specifications
5.7.1 Read Timing
5.7.1.1 Consecutive Mode Operation
Figure 5-8 illustrates the read timing for external memory access. For comparison, a single read
cycle is illustrated followed by a null cycle and then a back-to-back read.
Figure 5-8 assumes zero wait states are required for the access. Figure 5-9 illustrates a timing
diagram with one wait state added.
There are two read setup timing parameters for each read cycle. The core will latch the data on
the rising edge of the internal clock while tRSD indicates the core setup time. The external timing
of the address and controls is adjusted so they may be changing at this time. Therefore, a data
latch is introduced to capture the data (at the pin) a quarter clock earlier, on the rising edge of the
internal delayed clock. The setup time required for this latch is illustrated by tRSDP in the
diagrams. For slow clock speeds, tRSDP is more critical, while tRSD may be harder to meet for
faster clock rates.
Note:
During back-to-back reads, RD remains low to provide the fastest read cycle time.
Figure 5-8. External Read Cycle with Clock and RWS = 0
tACCESS
tOHZ
tACCESS
tOEV
tRH
tRL
tCSV
tAV
tAV
tCSRH
tCLKA
tRC
Read (RWS = 0)
Read (RWS = 0)
IDLE
tC
tRSD
tRSD
tRHD
tRSD
Data In
Data In
Data In
int_sys_clk
int_sys_clk_delay
A[23:0]
CS[7:0]
RD, OE
WR
D[15:0]
Read (RWS = 0)
tRSDP
tRSDP
tRSDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com