Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 133Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 134Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 135Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 136Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 137Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 138Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 139Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 140Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 662 page
background image
Register Descriptions (EMI_BASE = $1FFE40)
External Memory Interface (EMI), Rev. 4
Freescale Semiconductor
5-11
5.6.3.3 Read Wait States Setup Delay (RWSS)—Bits 11–10
This field affects the read cycle timing diagram, illustrated in Figure 5-10. Additional time
(clock cycles) is provided between the assertion of CSn and address lines and the assertion of
RD. The value of RWSS should be set as indicated in Read Timing.
5.6.3.4 Read Wait States Hold Delay (RWSH)—Bits 9–8
This field affects the read cycle timing diagram, illustrated in Figure 5-11. The RWSH field
specifies the number of additional system clocks to hold the address, data, and CSn signals after
the RD signal is deasserted. The value of RWSH should be set as indicated in Section 5.7.1.
Note:
If both, the RWSS and RWSH fields are set to zero the EMI read timing is set for
consecutive mode. In this mode the RD signal will remain active during back-to-back
reads from the same CSn controlled memory space.
5.6.3.5 Reserved—Bits 7–3
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.3.6 Minimal Delay After Read (MDAR)—Bits 2–0
This field specifies the number of system clocks to delay between reading from memory in a CSn
controlled space and reading from another device. Since a write to the device implies activating
the digital signal controller on the bus, this is also considered a read from another device.
Figure 5-6 illustrates the timing issue requiring the introduction of the MDAR field. In this
diagram, CS1 is assumed to operate a slow flash memory in P-space while CS2 is operating a
faster RAM in X-space. In some bus contention cases, it is possible to encounter data integrity
problems where the contention is occurring at the time the data bus is sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com