Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 145Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 146Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 147Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 148Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 662 page
background image
Resets
External Memory Interface (EMI), Rev. 4
Freescale Semiconductor
5-23
Figure 5-17. External Write Cycle with WWS = WWSH = 1 (WWSS = 0)
5.1 Clocks
The EMI operates from clocks internal to the chip and does not require/provide clocks external to
the chip.
5.1 Interrupts
There are no interrupts generated by this module.
5.1 Resets
All reset types are equivalent for the EMI and therefore have the same effect. The EMI outputs
during reset are controlled by the DRV bit of the BCR. During reset this bit is set to zero.
Therefore, Table 5-6 defines the reset state of all EMI pins.
tCWL
tCWH
tCWL
tCSV
tWDO
tWHZ
tWDE
tWDO
tAV
tWAC
IDLE
IDLE
Write (WWS = WWSH = 1)
IDLE
tWRL
tDH
tDW
tWRH
tAVW
tDW
tAVW
tWRL
tDH
tDW
tAVW
INT_SYS_CLK (core)
int_delay_SEMI_clk
A[23:0]
RD = OE
D[16:0]
CS2
WR
Time added to Figure 5-13 by setting WWSH = 1
tWHZ
tDH
Write(WWS = WWSH = 1)
Write (WWS = WWSH = 1)
tAV
tCSL
tCSV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com