Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 153 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 153 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 149Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 662 page
background image
Introduction
On-Chip Clock Synthesis (OCCS), Rev. 4
Freescale Semiconductor
6-3
6.1 Introduction
The On-Chip Clock Synthesis (OCCS) module allows product design using an inexpensive
4MHz crystal or an external clock source to run the DSP56853/54/55/57/58 at any frequency
from 0 to 120MHz. The OCCS module is comprised of two major blocks: the Oscillator (OSC),
and the PLL/CGM (analog - Phase Locked Loop/digital - Clock Generation Module (CGM)).
The OSC output clocks feed the PLL/CGM block. The PLL/CGM generates a time clock for
Computer Operating Properly (COP) timer use. The PLL/CGM also generates a master clock
consumed by the System Integration Module (SIM). The SIM generates derivative clocks for
consumption by the core logic and IPBus peripherals.
The SIM divides the MSTR_CLK (typically 240MHz) by 2 to create the 56800E core clock
(typically 120MHz) and by 4 to create the IPBUS_CLK (typically 60 MHz). All peripherals on
the DSP56853/54/55/57/58 run off the IPBus clock frequency. The COP and TOD peripherals
also consumes the much lower frequency TIME_CLK (typically 31.25 KHz).
The PLL may be used to generate a high frequency clock from the low-frequency
crystal-referenced (or external clock driven) OSC circuit. The PLL provides an exact integer
multiple of the oscillator’s output reference frequency (Fref). The frequency multiplication is in
the range of 20 to 120.
The CGM controls the PLL’s output frequency. The CGM also selects between the PLL
(PLL_OUT) and OSC (Fref) as potential master clock sources and routes the selection to the
SIM. The CGM also contains circuitry to detect if the PLL is unlocked and generates an interrupt
signal for the condition.
Figure 6-1. OCCS Integration Overview
Out of reset, the CGMCR[SEL] control bit is 0, selecting the Fref path as the source of
MSTR_CLK. The core will proceed to execute code using a clock divided down from the
OSC
Oscillator
EXTAL
XTAL
PLL / CGM
Phase Locked Loop
Clock Generation Module
CGMCR[SEL]
(4 MHz)
(240 MHz)
BOLD represents default states or typical
conditions.
* see STOP Mode Features for further details
Time Of Day
COP
other peripherals
IPBB
IP Bus Bridge
SIM
System
Integration
Module
divide
by 4
56800E
Core
MSTR_CLK
(120 MHz)
(60 MHz)
TIME_CLK (31.25 KHz)
CLKOUT (30 MHz)
Loss_Of_Lock_Interrupt
OCCS
On-Chip Clock Synthesis
PLL_OUT
4 MHz
Ftime
(31.25 KHz)
Fref
(4 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com