Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 154 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 154 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 150Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 151Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 152Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 153Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 662 page
background image
OSC (Oscillator) Circuit Detail
5685X Digital Signal Controller User Manual, Rev. 4
6-4
Freescale Semiconductor
oscillator’s Fref output. The core will run at Fref/2 and the IPBUS_CLK will run at Fref/4.
Among the first things applications typically do is turn on the PLL, wait for lock indication and
set CGMCR[SEL] to 1, enabling high speed operation.
6.1.1 OCCS Features
•
OSC connects to external crystals in the range of 2 to 4MHz
•
OSC can optionally accept an external active clock (0 to 240MHz)
•
PLL generates any integer multiple frequency, allowing DC to 120MHZ execution
•
CGM provides glitch-free transition between OSC and PLL clock sources
•
CGM provides digital loss of lock detection
•
Ultra Low Power modes are available while COP timer and TOD are kept alive
6.2 OSC (Oscillator) Circuit Detail
Figure 6-2. OSC Supplying Clocks to PLL/CGM
A typical connection for the OSC module is shown above. The weak differential signal coming in
directly from EXTAL/XTAL pin pair is routed to a very low power differential amplifier.
Because the amplifier is so low in power, it has a usable bandwidth limit somewhat above just
4MHz. The resulting clock frequency is divided down by a fixed value of 128 to yield a
31.25KHz clock. Out of reset, the register CGMCR[TOD_SEL] is 0, so this is the path selected
through the mux to create the TIME_CLK used by the COP and TOD. If the signal present on
XTAL is above 4MHz (e.g. driven by an external active clock) then it is necessary to set
CGMCR[TOD_SEL] to 1.
The signal from XTAL is buffered up (becoming Fref) and is consumed everywhere else.
Rbias
EXTAL
CGMCR[TOD_SEL]
“0” is default path
Note (1)
BOLD represents default states and typical
conditions.
1) See STOP Mode Features for further details
2) When OSC_LOPWR is asserted, this grayed
portion of the OCCS is disabled. OSC_LOPWR
assertion is prevented whenever CGMCR[TOD_SEL]
= 1. This automatic interlock prevents TIME_CLK from
being killed accidentally.
Fref
(4 MHz)
TIME_CLK (31.25 KHz)
XTAL
CGMTOD[TOD]
.
.
128
.
.
2
.
.
(1)
OSC_LOPWR
Notes (1) & (2)
Bandwidth limited
to 4 MHz
TIME_CLK feeds
the TOD and COP
watchdog timer.
4 MHz
Rs
CL1
CL2
Oscillator
PLL / CGM
Ftime
(31.25 KHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com