Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56857 Datasheet(PDF) 158 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 158 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 154Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 155Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 156Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 157Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 158Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 159Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 160Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 161Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 162Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 662 page
background image
PLL (Phase Locked Loop) Circuit Detail
5685X Digital Signal Controller User Manual, Rev. 4
6-8
Freescale Semiconductor
enabled, but that is enough to keep TIME_CLK and the associated COP counter alive and
running. Fref is held quiescent.
When waking up from this deep stop, the PLL will need to be re-started, lock status
re-queried and the PLL output re-selected to source MSTR_CLK.
2. Case where CGMCR[TOD_SEL] =1
A STOP instruction will result in the MSTR_CLK clock source being forced back to Fref
and the PLL being powered down (PLL_SHUTDOWN asserts). If CGMCR[TOD_SEL]
is 1 when the STOP instruction is executed, then the SIM will not assert OSC_LOWPWR
for in doing so, the TIME_CLK (and COP) would be killed. This is usually an undesirable
situation from an applications perspective.
3. Fast STOP Recovery
A Fast STOP Recovery is available in which neither the OSC_LOWPWR or
PLL_SHUTDOWN signal are asserted. As such, no time is required to re-start the PLL,
but it comes at the cost of increased power consumption by the PLL during STOP. Fast
Stop Recovery is available by setting the OMR register’s bit 6 to 1.
For further details on STOP and Fast STOP Recovery, please see Section 4.9, Power Mode
Controls.
6.3 PLL (Phase Locked Loop) Circuit Detail
Figure 6-6. PLL Block Diagram
Phase/Freq
Fref
Detector
DOWN
UP
VCO_OUT
VCO
PLL_OUT
Postscaler
Down Counter
(n = 19 to 119)
Charge
Loop
Pump
Filter
Lock Detector
(part of CGM)
Loss of Lock Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com